PART |
Description |
Maker |
SCH2815 |
MOSFET : N-Channel Silicon MOSFET MOSFET General-Purpose Switching Device
|
Sanyo Semicon Device
|
DF1-PD2428SCFB DF1B-10S-2.5R DF1B-11S-2.5R DF1B-12 |
MOSFET N-CH 600V 36A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 1KV 24A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 1KV 36A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 500V 44A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 MOSFET N-CH 500V 80A SOT-227B 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard) 2.5毫米间距连接器的离散线连接与UL(产品符 CSA标准 CAT6 SOL PC PVC BLU 50FT PVC SOLID PATCH CORD MOSFET N-CH 500V 48A SOT-227B MOSFET N-CH 200V 180A SOT-227B MOSFET N-CH 300V 130A SOT-227B MOSFET N-CH 500V 64A SOT-227 MOSFET N-CH 70V 200A SOT-227B
|
http:// HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
IRFP17N50LPBF |
SMPS MOSFET HEXFET?Power MOSFET SMPS MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
IRF3708SPBF IRF3708PBF IRF3708LPBF |
SMPS MOSFET HEXFET㈢Power MOSFET SMPS MOSFET HEXFET?Power MOSFET
|
International Rectifier
|
MIC94030 MIC94030BM4 MIC94031BM4 4030B MIC94031 |
TinyFET P-Channel MOSFET(TinyFET???P娌??澧?己??OS?烘?搴??) TinyFETP-Channel MOSFET Preliminary Information TinyFETP沟道MOSFET的初步信 10000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN TinyFET P-Channel MOSFET(TinyFET技P沟道增强型MOS场效应管) TinyFET P-Channel MOSFET Preliminary Information TinyFET⑩ P-Channel MOSFET Preliminary Information TinyFET?/a> P-Channel MOSFET Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IXTA4N60P IXTU4N60P IXTY4N60P |
MOSFET N-CH 600V 4A D2-PAK 4 A, 600 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
MAX626-TSC428 TSC426CBA TSC426CPA TSC426MJA TSC427 |
Dual Power MOSFET Driver 双电源MOSFET驱动 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES 20-LCCC -55 to 125 30V N-Channel PowerTrench MOSFET Dual Power MOSFET Drivers Dual-Power MOSFET Drivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
VUM33-05N VUM33-05 IXYSCORP-VUM33-05N |
Power MOSFET Stage for Boost Converters 47 A, 500 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system Power Factor Correction Modules: MOSFET
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
AUIRF1404Z AUIRF1404ZL AUIRF1404ZS |
HEXFET垄莽 Power MOSFET HEXFET? Power MOSFET 160 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|